PART |
Description |
Maker |
AN887 |
MICROCONTROLLERS MADE EASY
|
STMicroelectronics
|
PIC16C62B-04/SO PIC16C62B-04/SP PIC16C62B-04/SS PI |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ... 28-Pin 8-Bit CMOS Microcontrollers
|
Microchip
|
PIC12F635E/MF PIC12F635E/MFQTP PIC12F635E/P PIC12F |
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY This powerful yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s ...
|
Microchip
|
LM2576T-ADJ LM2576TV-AJD LM2576TV-5 LM2576T-5 LM25 |
Easy switcher 1.0 A step-down voltage regulator EASY SWITCHERE 3.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE3.0 A STEP-DOWN VOLTAGE REGULATOR 3 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHERE3.0 A STEP-DOWN VOLTAGE REGULATOR 3 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
LM2574-12 LM2574-15 LM2574-3.3 LM2574-5 LM2574-ADJ |
EASY SWITCHERE 0.5 A STEP-DOWN VOLTAGE REGULATOR Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 EASY SWITCHERE0.5 A STEP-DOWN VOLTAGE REGULATOR SWITCHERE.5降压稳压 OSC 5V 8PIN CMOS SWITCHERE.5降压稳压
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
1455A1002 1455A1002BK |
Bezels made from polycarbonate.
|
Hammond Manufacturing Ltd.
|
AT91R40008 AT91R4000802 |
ARM庐 Thumb庐 Microcontrollers ARM? Thumb? Microcontrollers
|
ATMEL Corporation
|
KP-2012P3C |
Made with silicon phototransistor chips
|
Kingbright Corporation. KINGBRIGHT[Kingbright Corporation] Kingbright Electronic
|
BD-C406ND |
red chips, which are made from AlGaAs on GaAs substrate
|
BRIGHT LED ELECTRONICS CORP
|
OLRD-5W-0M5FB OLRD-5W-0M5FM OLRD-5W-0M5JB OLRD-5W- |
Custom Made Metal Plate Current Sense Resistor
|
American Accurate Components, Inc. http://
|